Part Number Hot Search : 
NMR118C HA13480S HE891B 74LV14A MC79L15F IRK71 1029B L1025
Product Description
Full Text Search
 

To Download SG-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupters(Transmissive)
SG-203
DIMENSIONS
The SG-203 photointerrupter high-performance standard type, combines high-output GaAs IRED with high sensitive phototransistor.
(Unit : mm)
FEATURES
U0.5mm aperture UHigh-speed reponse UAvailable for 2 type P.C.Bs. UWidely applicable
APPLICATIONS
U opiers C U acsimiles F U rinters P UEdge sensors UFloppy disk drives
MAXIMUM RATINGS
Item Symbol Rating
100 5 60 1 100 40 30 5 -20~+85 -30~+85 Power dissipation PD Reverse voltage VR Input F Forward current I *1 F Pulse forward current IP Collector power dissipation PC C I OutputCollector current C-E voltage VCEO E-C voltage VECO Operating temp. Topr.*2 Storage temp. Tstg.*2
(Ta=2...) 5
Unit
mW V mA A mW mA V V ... ...
*1UZ100 *I . sec.period 10msec. T= *2. The connector shall be inserted or pulled out at normal temperature
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Reverse current Input Capacitance Peak wavelength Output Collector dark current Light current C-E saturation voltage Switching Rise time speeds Fall time
(Ta=2...) 5
Symbol
VF R I Ct *Ip C I EO L I VCE(sat) tr tf
Conditions
F= I 30mA VR=5V V=0, f=1KHz
Min.
Typ.
1.2 25 940
Max.
1.5 10 0.1 0.4
Unit.
V *IA pF nm *IA mA V *I ec. s *I ec. s
VCE=10V I VCE=5V, F=20mA F=30mA,C=0.1mA I I I VCC=5V, C=2mA k RL=100*y
0.6 5 5
- 1-
Photo interrupters(Transmissive)
SG-203
Collector power dissipation Vs. Ambient temperature
Forward current Vs. Forward voltage
Light current Vs. Forward current
Light current Vs. Collector-Emitter voltage
Relative light current Vs. Ambient temperature
Dark current Vs. Ambient temperature
Switching time Vs. Load resistance
Relative light current Vs. Moving distance
- 2-


▲Up To Search▲   

 
Price & Availability of SG-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X